PART |
Description |
Maker |
70HFL10S02 70HFL100S10 70HFL100S05 40HFL100S10 40H |
40A Fast Recovery Rectifier Diode(40A 快速恢复整流二极管) Fast Recovery Rectifiers 1000V Fast Recovery Diode in a DO-203AB (DO-5) package 100V Fast Recovery Diode in a DO-203AB (DO-5) package 200V Fast Recovery Diode in a DO-203AB (DO-5) package 400V Fast Recovery Diode in a DO-203AB (DO-5) package 800V Fast Recovery Diode in a DO-203AB (DO-5) package 600V Fast Recovery Diode in a DO-203AB (DO-5) package
|
IRF[International Rectifier]
|
R9G20212CS R9G20412CS R9G20612CS R9G20812CS R9G210 |
200V, 1200A fast recovery single diode 400V, 1200A fast recovery single diode 600V, 1200A fast recovery single diode 800V, 1200A fast recovery single diode 1000V, 1200A fast recovery single diode 1200V, 1200A fast recovery single diode 1400V, 1200A fast recovery single diode 1600V, 1200A fast recovery single diode
|
Powerex Power Semiconductors
|
1N4933G2 1N4935 1N4935G-T 1N4936G-T 1N4933G-T 1N49 |
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes Incorporated
|
SK19 |
Suface Mount Schottky Barrier Rectifiers
|
Gaomi Xinghe Electronic...
|
DSR1D DSR1G DSR1M DSR1A DSR1B DSR1J DSR1K |
SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
|
Formosa MS
|
PZT2222A PZT2222 |
Suface Mount Si-Epitaxial Planar Switching Transistors
|
Diotec Semiconductor
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
RCT-433-AS |
Suface Mount 433.92 MHz SAW-Stabilized OOK Transmitter
|
Radiotronix
|
SBYG20JG SBYG20DG SBYG20GG |
Fast Recovery Pack: SMA SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE?00 to 600V CURRENT?.5A
|
Gulf Semiconductor
|
MURH860CT MURH805CT MURH810CT MURH820CT MURH840CT |
8.0A, 200V ultra fast recovery rectifier 8.0A, 100V ultra fast recovery rectifier 8.0A, 50V ultra fast recovery rectifier 8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 8 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AB
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
ES1D-E |
Super Fast Recovery Pack: SMA SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE?00V CURRENT 1.0A
|
Gulf Semiconductor
|